PART |
Description |
Maker |
IDT72V82L20PA IDT72V82L15PA 72V84_DS_9983 IDT72V85 |
4K x 9 DualAsync FIFO, 3.3V 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 From old datasheet system 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9 DUAL 1024 x 9 DUAL 2048 x 9 DUAL 4096 X 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT7280 IDT7280L IDT7280L12 IDT7280L12PA IDT7280L1 |
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9DUAL 1024 x 9 DUAL 2048 x 9DUAL 4096 x 9 DUAL 8192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1024 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
|
IDT[Integrated Device Technology]
|
IDT72815LB IDT72835LB IDT72805LB IDT72845LB IDT728 |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS DUAL SyncFIFO?
|
IDT[Integrated Device Technology]
|
X9438 |
Dual smart OpAmp with dual 64 tap XDCP potentiometer, low power, 2-wire, dual supply
|
Xicor
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
IDT70P24L25BYI IDT70P25L25BF IDT70P25L25BFI IDT70P |
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM 4K X 16 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CY7C0241 CY7C0251 7C024 CY7C025-25JC CY7C025-55AC |
x16 Dual-Port SRAM x16双端口SRAM x18 Dual-Port SRAM x18双端口SRAM From old datasheet system 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with Sem, Int, Busy
|
Cypress Semiconductor, Corp. Omron Electronics, LLC
|